Part Number Hot Search : 
MV3507DG 74HC54 IRLI530N N6068 718VZM PC4004D IRGC2 06300
Product Description
Full Text Search
 

To Download A511RW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key features: ? 5w output power ? ul approved (file e245422) ? 2:1 input voltage range ? 1,500 vdc isolation ? meets en55022 class a ? compact dip case ? single & dual outputs ? 1.0 mh mtbf ? industry standard pin-out a500rw wide input range, 5w single & dual output dc/dc con vert ers series input parameter conditions min. typ. max. units input start voltage 5 vdc input 3.0 3.5 4.4 vdc 12 vdc input 4.5 6.0 8.0 24 vdc input 8.0 12.0 16.0 48 vdc input 16.0 24.0 32.0 input filter (pi) filter (complies with en55022 class a) reverse polarity input current 1.0 a short circuit input power 1,000 3,000 mw output parameter conditions min. typ. max. units output voltage accuracy 0.5 1.0 % output voltage balance dual output , balanced loads 0.5 2.0 % line regulation vin = min to max 0.1 0.3 % load regulation iout = 20% to 100% 0.3 1.0 % ripple & noise (20 mhz) (note 1) 50 75 mv p - p ripple & noise (20 mhz) over line, load & temp. 100 mv p - p ripple & noise (20 mhz) 15 mv rms output power protection 120 % transient recovery time (note 2) 25% load step change 150 300 sec transient response deviation 2.0 6.0 % temperature coef? cient 0.01 0.02 %/ o c output short circuit continuous general parameter conditions min. typ. max. units isolation voltage 60 seconds 1,500 vdc isolation resistance 500 vdc 1,000 m isolation capacitance 100 khz, 1v 380 500 pf switching frequency 300 khz environmental parameter conditions min. typ. max. units operating temperature range ambient -40 +25 +71 o c operating temperature range case -40 +90 o c storage temperature range -40 +125 o c cooling free air convection humidity rh, non-condensing 95 % rfi six-side shielded metal case conducted emi en55022 class a physical case size 1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm) case material metal with non-conductive base (ul94-v0) weight 0.42 oz (12g) reliability speci? cations parameter conditions min. typ. max. units mtbf mil hdbk 217f, 25 o c, gnd benign 1.0 mhours safety standards ul 1950, en 60950, iec 60950 safety approvals ul, cul; file no. e245422 absolute maximum ratings parameter conditions min. typ. max. units input voltage surge (1 sec) 5 vdc input -0.7 10.0 vdc 12 vdc input -0.7 25.0 24 vdc input -0.7 50.0 48 vdc input -0.7 100.0 lead temperature 1.5 mm from case for 10 sec 260 o c internal power dissipation all models 2,500 mw caution: exceeding absolute maximum ratings may damage the module. these are not continuous operating ratings. electrical speci? cations speci? cations typical @ +25c, nominal input voltage & rated output current, unless otherwise noted. speci? cations subject to change without notice. rohs compliant micropower direct 292 page street suite d stoughton, ma 02072 usa t: (781) 344-8226 f: (781) 344-8481 e: sales@micropowerdirect.com w: www.micropowerdirect.com
model selection guide mechanical dimensions mechanical notes: ? all dimensions are typical in inch es (mm) ? tolerance x.xx = 0.01 (0.25) ? leads are gold plated for improved solderability. notes: 1. when measuring output ripple, it is recommended that an external 0.47 f ce- ramic capacitor be placed from the +vout pin to the -vout pin for single output units and from each output to common for dual output units. for noise sensitive applications, the use of 3.3 f capacitors will reduce the output ripple. 2. transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 3. operation at no-load will not damage these units. however, they may not meet all speci? cations. 4. dual output units may be connected to provide a 10 vdc, 24 vdc or 30 vdc output. to do this, connect the load across the positive (+vout) and negative (-vout) outputs and ? oat the output common. 5. the converter should be connected to a low ac-impedance source. an input source with a highly inductive impedance may affect the stability of the converter. in applications where the converter output loading is high and input power is sup- plied over long lines, it may be necessary to use a capacitor on the input to insure start-up. in this case, it is recommended that a low esr (esr <1.0 at 100 khz) capacitor be mounted close to the converter. for 5v input units a 10 f is recommended, for 12v input units, a 3.3 f; and for 24v & 48v units a 2.2 f. 6. it is recommended that a fuse be used on the input of a power supply for protec- tion. see the table above for the correct rating. model number input output ef? ciency (%, typ) fuse rating slow-blow (ma) voltage (vdc) current (ma) re? ected ripple current (ma, typ) voltage (vdc) current (ma, max) current (ma, min) nominal range full-load no-load a501rw 12 9.0 - 18.0 429 20 25 3.3 1,200.0 60.0 77 1,500 a502rw 12 9.0 - 18.0 514 20 25 5.0 1,000.0 50.0 81 1,500 a503rw 12 9.0 - 18.0 595 20 25 12.0 500.0 25.0 84 1,500 a504rw 12 9.0 - 18.0 595 20 25 15.0 400.0 20.0 84 1,500 a505rw 12 9.0 - 18.0 514 20 25 5.0 500.0 25.0 81 1,500 a506rw 12 9.0 - 18.0 595 20 25 12.0 250.0 12.5 84 1,500 a507rw 12 9.0 - 18.0 595 20 25 15.0 200.0 10.0 84 1,500 A511RW 24 18.0 - 36.0 209 5 15 3.3 1,200.0 60.0 79 700 a512rw 24 18.0 - 36.0 251 5 15 5.0 1,000.0 50.0 83 700 a513rw 24 18.0 - 36.0 291 5 15 12.0 500.0 25.0 86 700 a514rw 24 18.0 - 36.0 291 5 15 15.0 400.0 20.0 86 700 a515rw 24 18.0 - 36.0 251 5 15 5.0 500.0 25.0 83 700 a516rw 24 18.0 - 36.0 291 5 15 12.0 250.0 12.5 86 700 a517rw 24 18.0 - 36.0 291 5 15 15.0 200.0 10.0 86 700 a521rw 48 36.0 - 75.0 104 3 10 3.3 1,200.0 60.0 79 350 a522rw 48 36.0 - 75.0 126 3 10 5.0 1,000.0 50.0 83 350 a523rw 48 36.0 - 75.0 145 3 10 12.0 500.0 25.0 86 350 a524rw 48 36.0 - 75.0 145 3 10 15.0 400.0 20.0 86 350 a525rw 48 36.0 - 75.0 126 3 10 5.0 500.0 25.0 83 350 a526rw 48 36.0 - 75.0 145 3 10 12.0 250.0 12.5 86 350 a527rw 48 36.0 - 75.0 145 3 10 15.0 200.0 10.0 86 350 a551rw 5 4.5 - 7.0 1,056 70 100 3.3 1,200.0 60.0 75 3,000 a552rw 5 4.5 - 7.0 1,265 70 100 5.0 1,000.0 50.0 79 3,000 a553rw 5 4.5 - 7.0 1,463 70 100 12.0 500.0 25.0 82 3,000 a554rw 5 4.5 - 7.0 1,463 70 100 15.0 400.0 20.0 82 3,000 a555rw 5 4.5 - 7.0 1,265 70 100 5.0 500.0 25.0 79 3,000 a556rw 5 4.5 - 7.0 1,463 70 100 12.0 250.0 12.5 82 3,000 a557rw 5 4.5 - 7.0 1,463 70 100 15.0 200.0 10.0 82 3,000 pin single dual pin single dual 2, 3 -vin -vin 14 +vout +vout 9 no pin common 16 -vout common 11 nc -vout 22, 23 +vin +vin nc: no connection pin connections single output dual output 6,800 f max 1,000 f max capacitive load derating curve micropower direct www.micropowerdirect.com 292 page street ste d stoughton, ma 02072 ? tel: (781) 344-8226 ? fax: (781) 344-8481 ? e-mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of A511RW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X